Part Number Hot Search : 
RBV1510D DS1863ER CPC1130 TL103 101NQ04T DA2S101 900ED CS1527
Product Description
Full Text Search
 

To Download HMC207AS8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com mixers - si ngl e & doubl e balanc e d - s mt 10 10 - 1 HMC207AS8 / 207as8e gaas mmic smt double- ba l a n c e d m i xer, 0.7 - 2.0 ghz v00.1210 general description features functional diagram conversion loss: 9 db lo / i f i solation: 45 db lo / r f i solation: 40 db i nput i p3: +17 dbm e lectrical specifcations, t a = +25 c, as a function of lo drive typical applications the hmc207a s 8 / hmc207a s 8 e is ideal for: ? base s tations ? cable modems ? portable wireless the hmc207a s 8 & hmc207a s 8 e are miniature dou - ble-balanced mixers in 8 lead plastic surface mount s mall outline i c ( s o i c) packages. this passive mm i c mixer is constructed of gaas s chottky diodes and novel planar transformer baluns on the chip. the device can be used as an upconverter, downconverter, biphase modulator (de)modulator, or phase compara - tor. the consistent mm i c performance will improve system operation and assure regulatory compliance. the high lo suppression of 45 to 50 db yields excel - lent carrier suppression for modulator applications. parameter lo = +13 dbm i f = 70 mhz lo = +10 dbm i f = 70 mhz units min. typ. max. min. typ. max. frequency r ange, r f & lo 0.7 - 2.0 0.8 - 1.2 ghz frequency r ange, i f dc - 0.3 dc - 0.3 ghz conversion loss 9 10.5 7.5 10 db noise figure ( ss b) 9 10.5 7.5 10 db lo to r f i solation 32 40 40 45 db lo to i f i solation 38 45 40 45 db r f to i f i solation 17 23 18 22 db i p3 ( i nput) 14 17 12 15 dbm 1 db gain compression ( i nput) 8 11 7 10 dbm
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com mixers - si ngl e & doubl e balanc e d - s mt 10 10 - 2 conversion l oss vs temperature @ lo = +13 d b m isolation @ lo = +13 d b m conversion l oss vs. lo drive v00.1210 r eturn l oss @ lo = +13 d b m if b andwidth @ lo = +13 d b m p1d b vs. temperature @ lo = +13 d b m HMC207AS8 / 207as8e gaas mmic smt double- ba l a n c e d m i xer, 0.7 - 2.0 ghz -20 -15 -10 -5 0 0.5 1 1.5 2 -40 c +25 c +85 c conversion loss (db) frequency (ghz) -25 -20 -15 -10 -5 0 0 0.5 1 1.5 2 rf if lo return loss (db) frequency (ghz) -20 -15 -10 -5 0 0.5 1 1.5 2 +7 dbm +9 dbm +11 dbm +13 dbm +15 dbm conversion loss (db) frequency (ghz) 9 10 11 12 13 14 15 0.5 0.8 1.1 1.4 1.7 2 -40 c +25 c +85 c p1db (dbm) frequency (ghz) -30 -25 -20 -15 -10 -5 0 0 0.2 0.4 0.6 0.8 1 conversion loss (db) if frequency (ghz) -60 -50 -40 -30 -20 -10 0 0.5 1 1.5 2 rf to if lo to if lo to rf isolation (db) frequency (ghz)
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com mixers - si ngl e & doubl e balanc e d - s mt 10 10 - 3 input ip3 vs. temperature @ lo = +13 d b m input ip2 vs. temperature @ lo = +13 d b m input ip3 vs. lo drive input ip2 vs. lo drive v03.0709 gaas mmic smt double- ba l a n c e d m i xer, 0.7 - 2.0 ghz HMC207AS8 / 207as8e 20 30 40 50 60 70 0.5 0.8 1.1 1.4 1.7 2 -40 c +25 c +85 c ip2 (dbm) lo frequency (ghz) 0 10 20 30 40 50 60 70 0.5 0.8 1.1 1.4 1.7 2 +9 dbm +11 dbm +13 dbm ip2 (dbm) lo frequency (ghz) 5 10 15 20 25 30 35 0.5 0.8 1.1 1.4 1.7 2 -40 c +25 c +85 c ip3 (dbm) lo frequency (ghz) -5 0 5 10 15 20 25 30 0.5 0.8 1.1 1.4 1.7 2 +9 dbm +11 dbm +13 dbm ip3 (dbm) lo frequency (ghz) mx n spurious o utputs harmonics of lo nlo m r f 0 1 2 3 4 0 xx 14 27 22 44 1 16 0 46 45 46 2 68 62 67 69 73 3 89 92 91 65 86 4 >105 >105 >105 95 96 r f = 0.9 ghz @ -10 dbm lo = 0.97 ghz @ +13 dbm all values in dbc relative to the i f lo freq. (ghz) nlo s pur at r f port 1 2 3 4 0.7 48 38 66 50 0.9 64 33 73 63 1.1 47 32 54 54 1.3 40 34 39 55 1.5 39 40 45 57 1.7 38 51 42 60 lo = +13 dbm values in dbc below input lo level measured at r f port.
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com mixers - si ngl e & doubl e balanc e d - s mt 10 10 - 4 absolute maximum r atings r f / i f i nput +13 dbm lo drive +27 dbm s torage temperature -65 to +150 c operating temperature -40 to +85 c es d s ensitivity (hbm) class 1a e l e ct ro s tat ic se n si t i v e de v ic e ob ser v e handl i ng p re caut i on s v03.0709 gaas mmic smt double- ba l a n c e d m i xer, 0.7 - 2.0 ghz HMC207AS8 / 207as8e o utline drawing part number package body material lead finish m s l r ating package marking [3] hmc207a s 8 low s tress i njection molded plastic s n/pb s older m s l1 [1] hmc207a xxxx hmc207a s 8 e r oh s -compliant low s tress i njection molded plastic 100% matte s n m s l1 [2] hmc207a xxxx [1] max peak refow temperature of 235 c [2] max peak refow temperature of 260 c [3] 4-digit lot number xxxx package information not es: 1. leadframe materi al: copper alloy 2. dimensions are in inches [millimet ers]. 3. dimension does not include moldfla s h of 0.15mm per side. 4. dimension does not include moldfla sh of 0.25mm per side. 5. all gr ound leads mus t be soldere d to pcb rf gr ound.
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com mixers - si ngl e & doubl e balanc e d - s mt 10 10 - 5 v03.0709 gaas mmic smt double- ba l a n c e d m i xer, 0.7 - 2.0 ghz HMC207AS8 / 207as8e pin number function description i nterface schematic 1, 3, 6, 8 gnd package bottom must also be connected to r f/dc ground. 2 lo this pin is dc coupled and matched to 50 ohm. 4 n/c no connection required. these pins may be connected to rf/ dc ground without affecting performance. 5 if this pin is dc coupled. for applications not requiring opera - tion to dc, this port should be dc blocked externally using a series capacitor whose value has been chosen to pass the necessary i f frequency range. for operation to dc, this pin must not source or sink more than 10 ma of current or part non-function and possible part failure will result. 8 rf this pin is dc coupled and matched to 50 ohm. pin descriptions
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com mixers - si ngl e & doubl e balanc e d - s mt 10 10 - 6 v03.0709 gaas mmic smt double- ba l a n c e d m i xer, 0.7 - 2.0 ghz HMC207AS8 / 207as8e e valuation pc b l ist of materials for e valuation pc b 101785 [1] i tem description j1 - j3 pcb mount s ma r f connector u1 hmc207a s 8 / hmc207a s 8 e mixer pcb [2] 101783 e valuation board [1] r eference this number when ordering complete evaluation pcb [2] circuit board material: r ogers 4350 the circuit board used in the application should use r f circuit design techniques. s ignal lines should have 50 ohm impedance while the package ground leads should be connected directly to the ground plane similar to that shown. a sufficient number of via holes should be used to connect the top and bottom ground planes. the evaluation circuit board shown is available from hittite upon request.


▲Up To Search▲   

 
Price & Availability of HMC207AS8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X